Part Number Hot Search : 
00K6T TLP199D A2100 LNC802PS XF0899P JT75V MD29F S1J22
Product Description
Full Text Search
 

To Download PDU-G101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced photonix, inc. uv enhanced gan detectors pdu-g101 a features description applications ? 365nm uvb response package dimensions inch [mm] chip dimensions inch [mm] to-46 package .0126 [0.320] .0134 [0.340] .016 [0.40] sq ?.181 [4.60] viewing angle .500 [12.70] .055 [1.40] 2x ?.017 [0.43] .100 [2.54] 61 active area = 0.076 mm 2 cathode anode ?.210 [5.35] chip ? .118 [3.00] .087 [2.21] ? visible & nir blind ? photovoltaic operation ? high shunt resistance symbol parameter min max units v br reverse voltage 5 v t stg storage temperature -40 +90 c t o operating temperature -30 +85 c t s soldering temperature* +260 c spectral response 0.000 0.001 0.010 0.100 1.000 230 240 250 260 270 280 290 300 310 320 330 340 350 360 370 380 390 400 wavelength (nm) responsivity (a/w) electro - optical charact eristics rating (ta) = 2 3 c unless otherw i s e n oted * 1/16 inch from case for 3 seconds max. ? uvb power meters ? sun dosimeters ? uv epoxy curing ? u v in st r u m e n tat i o n absolut e m aximum rating (ta) = 2 3 c unle s s o ther w i se n o ted the PDU-G101A is a gan uv photodiode with a spectral range from 200nm to 365nm and is ideal for uvb sensing applications available in a to-46 can package. symbol characteristic test conditions min typ max units i sc short circuit current uvi = 1 1 na i d dark current v r = 1v 0.05 1 na r sh shunt resistance v r = 10 mv 0.45 1 gw c j junction capacitance v r = 0v, f = 1 mhz 24 pf l range spectral application range spot scan 200 365 nm r responsivity l = 350nm v, v r = 0 v 0.10 a/w v br breakdown voltage i = 1 a 10 v nep noise equivalent power v r = 10v @ l= peak 1x10 -13 w/ hz t r response time rl = 1k ? , v r = 1v 10 15 ns ? 2007 advanced photonix, inc. all rights reserved. specifications and output data subject to change without notice. advanced photonix, inc. 1240 avenida acaso, camarillo ca 93012 ? phone (805) 987-0146 ? fax (805) 484-9935 ? www.advancedphotonix.com rev 4/19/07


▲Up To Search▲   

 
Price & Availability of PDU-G101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X